Part Number Hot Search : 
16700 FC4CW 109M000 4C36S LF1621 SX120 MC34002 1MF11
Product Description
Full Text Search
 

To Download HYB3164800T-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8M x 8-Bit Dynamic RAM (4k & 8k Refresh)
HYB 3164800J/T -50/-60 HYB 3165800J/T -50/-60
Preliminary Information
* * *
*
* *
* * * * *
8 388 608 words by 8-bit organization 0 to 70 C operating temperature Fast access and cycle time RAS access time: 50 ns (-50 version) 60 ns (-60 version) Cycle time: 90 ns (-50 version) 110 ns (-60 version) CAS access time: 13 ns ( -50 version) 15 ns ( -60 version) Fast page mode cycle time 35 ns (-50 version) 40 ns (-60 version) Single + 3.3 V ( 0.3V) power supply Low power dissipation max. 396 active mW ( HYB 3164800J/T-50) max. 360 active mW ( HYB 3164800J/T-60) max. 504 active mW ( HYB 3165800J/T-50) max. 432 active mW ( HYB 3165800J/T-60) 7.2 mW standby (TTL) 720 W standby (MOS) Read, write, read-modify-write, CAS-before-RAS refresh (CBR), RAS-only refresh, hidden refresh and self refresh modes Fast page mode capability 8192 refresh cycles/128 ms , 13 R/ 10C addresses (HYB 3164800J/T) 4096 refresh cycles/ 64 ms , 12 R/ 11C addresses (HYB 3165800J/T) Plastic Package: P-SOJ-34-1 500 mil HYB 3164(5)800J P-TSOPII-34-1 500 mil HYB 3164(5)800T
Semiconductor Group
121
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
This device is a 64 MBit dynamic RAM organized 8 388 608 by 8 bits. The device is fabricated in SIEMENS/IBM's most advanced first generation 64Mbit CMOS silicon gate process technology. The circuit and process design allow this device to achieve high performance and low power dissipation. This DRAM operates with a single 3.3 +/-0.3V power supply and interfaces with either LVTTL or LVCMOS levels. Multiplexed address inputs permit the HYB 3164(5)800J/T to be packaged in a 500 mil wide SOJ-34 or TSOP-34 plastic package. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. Ordering Information Type HYB 3164800J-50 HYB 3164800J-60 HYB 3164800T-50 HYB 3164800T-60 HYB 3165800J-50 HYB 3165800J-60 HYB 3165800T-50 HYB 3165800T-60 Pin Names A0-A12 A0-A11 RAS OE I/O1-I/O8 CAS WRITE Vcc Vss Address Inputs for HYB 3164800J/T Address Inputs for HYB 3165800J/T Row Address Strobe Output Enable Data Input/Output Column Address Strobe Read/Write Input Power Supply ( + 3.3V) Ground Ordering Code on request on request on request on request on request on request on request on request Package P-SOJ-34-1 P-SOJ-34-1 P-TSOPII-34-1 P-TSOPII-34-1 P-SOJ-34-1 P-SOJ-34-1 P-TSOPII-34-1 P-TSOPII-34-1 Descriptions 500 mil DRAM (access time 50 ns) 500 mil DRAM (access time 60 ns) 500 mil DRAM (access time 50 ns) 500 mil DRAM (access time 60 ns) 500 mil DRAM (access time 50 ns) 500 mil DRAM (access time 60 ns) 500 mil DRAM (access time 50 ns) 500 mil DRAM (access time 60 ns)
Semiconductor Group
122
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
P-SOJ-34-1 (500 mil) P-TSOPII-34-1 (500 mil)
Pin Configuration
Semiconductor Group
123
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
TRUTH TABLE
FUNCTION Standby Read Early-Write Delayed-Write Read-Modify-Write Fast Page Mode Read 1st Cycle 2nd Cycle Fast Page Mode Early Write 1st Cycle 2nd Cycle Fast Page Mode RMW 1st Cycle 2st Cycle RAS only refresh CAS-before-RAS refresh Test Mode Entry Hidden Refresh READ WRITE
RAS H L L L L L L L L L L L H-L H-L L-H-L L-H-L
CAS H-X L L L L H-L H-L H-L H-L H-L H-L H L L L L
WRITE X H L H-L H-L H H L L H-L H-L X H L H L
OE X L X H L-H L L X X L-H L-H X X X L X
ROW ADDR X ROW ROW ROW ROW ROW n/a ROW n/a ROW n/a ROW X X ROW ROW
COL ADDR X COL COL COL COL COL COL COL COL COL COL n/a n/a n/a COL COL
I/O1I/O8 High Impedance Data Out Data In Data In Data Out, Data In Data Out Data Out Data In Data In Data Out, Data In Data Out, Data In High Impedance High Impedance High Impedance Data Out Data In
Semiconductor Group
124
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
Block Diagram for HYB 3165800J/T
Semiconductor Group
125
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
Block Diagram for HYB 3164800J/T
Semiconductor Group
126
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
Absolute Maximum Ratings Operating temperature range..............................................................................................0 to 70 C Storage temperature range.........................................................................................- 55 to 150 C Input/output voltage..................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage....................................................................................................-0.5V to 4.6 V Power dissipation......................................................................................................................1.0 W Data out current (short circuit)..................................................................................................50 mA Note
Stresses above those listed under Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may effect device reliability.
DC Characteristics TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, (values in brackets for HYB 3165800J/T) Parameter Input high voltage Input low voltage Output high voltage (LVTTL) Output H" level voltage (Iout = -2mA) Output low voltage (LVTTL) Output L"level voltage (Iout = +2mA) Output high voltage (LVCMOS) Output H" level voltage (Iout = -100uA) Ouput low voltage (LVCMOS) Output L" level voltage (Iout = +100uA) Input leakage current,any input
(0 V < Vin < Vcc , all other pins = 0 V
Symbol
Limit Values min. max. Vcc+0.3 0.8 - 0.4 2.0 - 0.3 2.4 -
Unit Note V V V V V V A A 1) 1)
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
-50 ns version -60 ns version
Vcc-0.2 -2 -2 0.2 2 2
Output leakage current
(DO is disabled, 0 V < Vout < Vcc )
Average Vcc supply current:
- -
110 (140) mA 100 (120) mA 2 mA
2) 3) 4)
(RAS, CAS, address cycling: tRC = tRC min.)
Standby Vcc supply current
(RAS=CAS= Vih)
ICC2
-
-
Semiconductor Group
127
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
DC Characteristics (cont'd) TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, (values in brackets for HYB 3165800J/T) Parameter Symbol Limit Values min. Average Vcc supply current, during RAS-only ICC3 refresh cycles: -50 ns version -60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
Unit Note
max. 110 (140) mA 100 (120) mA 2) 4)
- -
Average Vcc supply current,
during fast page mode: -50 ns version -60 ns version
ICC4
- - 85 (85) 75 (75) 200 mA mA A 2) 3) 4)
(RAS = VIL, CAS, address cycling: tPC=tPC min.)
Standby Vcc supply current
(RAS=CAS= Vcc-0.2V)
ICC5
-
-
Average Vcc supply current, during CAS-before- ICC6 RAS refresh mode: -50 ns version -60 ns version
(RAS, CAS cycling: tRC = tRC min.)
- - -
110 (140) mA 100 (120) mA 400 A
2) 4)
Self Refresh Current
Average Power Supply Current during Self Refresh. (CBR cycle with tRAS>TRASSmin, CAS held low, WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
ICC7
Capacitance TA = 0 to 70 C,VCC = 3.3 V 0.3 V, f = 1 MHz Parameter Input capacitance (A0 to A11,A12) Input capacitance (RAS, CAS, WRITE, OE) I/O capacitance (I/O1-I/O8) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
Semiconductor Group
128
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
AC Characteristics (note: 6,7,8) TA = 0 to 70 C,VCC = 3.3 0.3V Parameter Symbol HYB 3164(5)800 J/T-50 min. max. - - 100k 100k - - - - 37 25 - - - 30 128 64 HYB 3164(5)800 J/T-60 min. 110 40 60 15 0 10 0 10 20 15 15 60 5 3 - - max. - - 100k 100k - - - - 45 30 - - - 30 128 64 ns ns ns ns ns ms ms
7
Unit
Note
common parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period for HYB3164800 Refresh period for HYB3165800 tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH 90 30 50 13 0 8 0 10 18 13 13 50 5 3 - - ns ns ns ns ns ns ns ns
tCRP
tT tREF tREF
Read Cycle
Access time from RAS Access time from CAS Access time from column address OE access time Column address to RAS lead time Read command setup time Read command hold time Read command hold time referenced to RAS tRAC tCAC tAA tOEA tRAL tRCS tRCH tRRH - - - - 25 0 0 0 50 13 25 13 - - - - - - - - 30 0 0 0 60 15 30 15 - - - - ns ns ns ns ns ns ns ns
11 11 8, 9 8, 9 8, 10 8
Semiconductor Group
129
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
AC Characteristics (cont'd)(note: 6,7,8) TA = 0 to 70 C,VCC = 3.3 0.3V Parameter Symbol HYB 3164(5)800 J/T-50 min. CAS to output in low-Z Output buffer turn-off delay Output buffer turn-off delay from OE Data to OE low delay CAS high to data delay OE high to data delay tCLZ tOFF tOEZ tDZO tCDD tODD 0 - - 0 13 13 max. - 13 13 - - - 0 - - 0 15 15 HYB 3164(5)800 J/T-60 min. max. - 15 15 - - - ns ns ns ns ns ns
8 12 12 13 14 14
Unit
Note
Write Cycle
Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time CAS delay time from Din tWCH tWP tWCS tRWL tCWL tDS tDH tDZC 8 8 0 13 13 0 10 0 - - - - - - - - 10 10 0 15 15 0 10 0 - - - - - - - - ns ns ns ns ns ns ns ns
16 16 13 15
Read-Modify-Write Cycle
Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE command hold time tRWC tRWD tCWD tAWD tOEH 126 68 31 43 13 - - - - - 150 80 35 50 15 - - - - - ns ns ns ns ns
15 15 15
Fast Page Mode Cycle
Fast page mode cycle time CAS precharge time Access time from CAS precharge RAS pulse width tPC tCP tCPA tRAS 35 10 - 50 - - 30 200k 40 10 - 60 - - 35 200k ns ns ns ns
8
Semiconductor Group
130
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
AC Characteristics (cont'd)(note: 6,7,8) TA = 0 to 70 C,VCC = 3.3 0.3V Parameter Symbol HYB 3164(5)800 J/T-50 min. CAS precharge to RAS Delay tRHCP 30 max. - HYB 3164(5)800 J/T-60 min. 35 max. - ns Unit Note
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle time CAS precharge to WE tPRWC tCPWD 71 48 - - 80 55 - - ns ns
CAS-before-RAS refresh cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write hold time referenced to RAS tCSR tCHR tRPC tWRP tWRH 5 10 5 10 10 - - - - - 5 10 5 10 10 - - - - - ns ns ns ns ns
CAS-before-RAS counter test cycle
CAS precharge time tCPT 25 - 30 - ns
Test mode cycle
Write command setup time Write command hold time tWTS tWTH 10 10 - - 10 10 - - ns ns
Self Refresh Cycle
RAS pulse width RAS precharge time CAS hold time
tRASS
100k 90 -50
- - -
100k 110 -50
- - -
ns ns
17 17 17
tRPS tCHS
Semiconductor Group
131
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
Notes:
1) 2) 3) 4) All voltages are referenced to VSS. ICC1, ICC3, ICC4 and ICC6 and ICC7 depend on cycle rate. ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. Address can be changed once or less while RAS = Vil.In the case of ICC4 it can be changed once or less during a fast page mode cycle ( tpc). 5) An initial pause of 100 s is required after power-up followed by 8 RAS-only-refresh cycles, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 5 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Also, transition times are measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at Voh = 2.0 V and Vol = 0.8 V. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11) Either tRCH or tRRH must be satisfied for a read cycle. 12) tOFF (max.) and tOEZ (max.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13) Either tDZC or tDZO must be satisfied. 14) Either tCDD or tODD must be satisfied. 15) tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.), tAWD > tAWD (min.) and tCPWD > tCPWD (min.) , the cycle is a read-write cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 16) These parameters are referenced to CAS leading edge in early write cycles and to WRITE leading edge in Read-Modify-Write cycles. 17) When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM operation: If row addresses are being refresh in an evenly distributed manner over the refresh iterval using CBR refresh cycles, then only one CBR cycle must be performed immediatly after exit from Self Refresh. If row addresses are being refresh in any other manner (ROR - Distributed/Burst or CBR-Burst) over the refresh interval, then a full set of row refreshed must be performed immediately before entry to and immediatey after exit from Self Refresh
Semiconductor Group
132
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCSH tRCD tRSH tCAS tRAL tCAH
Column Address
tCRP
V IH
CAS
VIL
tRAD tASR tASC
tASR
Row Address
Address
V IH VIL
Row Address
tRCH tRAH tRCS tRRH tAA tOEA
WRITE
V IH VIL
OE
V IH VIL
tDZC tDZO tCAC tODD
tCDD
I/O1-I/O4 IH 8 (Inputs) V IL
V I/O1-I/O8 OH (Outpus) V OL
V
tOFF tCLZ
Hi Z
tOEZ
Valid Data Out Hi Z
tRAC
"H" or "L"
Read Cycle
Semiconductor Group
133
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCSH tRCD tRSH tCAS tRAL tCAH
Column Address
tCRP
V IH
CAS
VIL
tRAD tASR tASC
tASR
Row Address
Address
V IH VIL
.
Row Address
tRAH
WRITE
V IH VIL
tCWL tWCS t WP tWCH tRWL
OE
V IH VIL
tDS
I/O1-I/O8 IH (Inputs V IL
V V
tDH
Valid Data In
I/O1-I/O8 OH (Outputs) V
OL
Hi Z
"H" or "L"
Write Cycle (Early Write)
Semiconductor Group
134
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCSH tRCD tRSH tCAS tRAL
tCRP
V IH
CAS
VIL
tRAD tASR tASC tCAH
Column Address
tASR
Row Address
V IH
.
Address V IL
Row Address
tRAH
WRITE
V IH VIL
tCWL tRWL tWP
tOEH
OE
V IH VIL
tODD tDZO tDZC tDS tOEZ
tDH
V I/O1-I/O8 IH (Inputs) V IL
Valid Data
tCLZ tOEA
I/O1-I/O8 OH (Outputs) V
OL
V
Hi-Z
Hi-Z
"H" or "L"
Write Cycle (OE Controlled Write)
Semiconductor Group
135
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRWC tRAS
V IH VIL V IH
tRP
RAS
tCSH tRCD tRSH tCAS tCRP
CAS
VIL
tRAH
V Address IH VIL
tCAH tASC
Column Address
tASR
Row Address
tASR
Row Address
tRAD
V IH
tAWD tCWD tRWD
tCWL tRWL tWP
WRITE
VIL
tAA tRCS
V IH
tOEA
tOEH
OE
VIL
tDZO tDZC
tDS tDH
Valid Data in
I/O1-I/O8 (Inputs) VIL
V IH
tCLZ tCAC
Data Out
tODD tOEZ
V I/O1-I/O8 OH (Outputs) V OL
tRAC
"H" or "L"
Read-Write (Read-Modify-Write) Cycle
Semiconductor Group
136
tRASP tRP tPRWC tRSH tCAS tRAL tASR
Row Address
V
RAS tCSH tCP tCAS tCAS tCAH tASC tASC
Column Address Column Address
IH
V IL
tRCD tCRP
Semiconductor Group tCAH tASC
Column Address
V
CAS tCAH
IH
V IL
tRAD
tASR
tRAH
V
Address tRCS tAWD tWP tOEA tOEA tWP tOEA tAWD tAWD tRWD tCWD tCWL tCWL tCPWD tCWD tCPWD tCWD
IH
Fast Page Mode Read-Modify-Write Cycle tRWL tCWL tAA tWP tCPA tDZC
Data In
V IL
Row Address
V
WRITE
IH
137 tCPA tODD
Data In
V IL
V
IH
OE tDZC tCLZ tDZO tCLZ tCAC tRAC tOEZ tDH tDS
Data Out Data Out
V IL
V
tDZC tCLZ tOEH
tODD
Data In
I/O1-I/O8 (Inputs) V IL tODD tCAC tAA tOEZ tOEH
IH
tOEH tDH tDS
Data Out
tAA tDS
tDH
I/O1-I/O8 VOH (Outputs) V
OL
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
"H" or "L"
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRASP
V IH
tRP
RAS
VIL
tRCD
V IH
tPC tCP tCAS tCSH tCAS
tRHCP tRSH tCAS tCRP
CAS
VIL
tRAH tASR
Address
V IH VIL
Row Addr
tCAH
Column Address
tASC
tASC
tCAH tASC
tCAH tASR
Row Address Column Address
Column Address
tRAD tRCH tRCS tRCS tRCS
tRCH
V IH
WRITE
VIL
tAA
V IH
tCPA tAA tOEA tOEA
tCPA tAA tOEA
tRRH
OE
VIL
tDZC tDZO tODD tCAC tOFF tCLZ tOFF tOEZ
Valid Data Out
tDZC tDZO tODD tCAC tOFF tCLZ tOEZ
Valid Data Out
tDZC tDZO
tCDD tODD
I/O1-I/O8 IH (Inputs) V IL
V
tCAC tCLZ
tOFF tOEZ
Valid Data Out
I/O1-I/O8 OH (Outputs) V
OL
V
"H" or "L"
Fast Page Mode Read Cycle
Semiconductor Group
138
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRASP
V IH
tRP
RAS
VIL
tPC tCAS tRCD tCAS tCP
tRSH tCAS tCRP
V IH
CAS
VIL
tRAL tRAH tASR tCAH tASC
Column Address
tASC tCAH
Column Address
Address
V IH VIL
tASC
tCAH
tASR
Column Address
Row Addr
Column Address
tRAD
V IH VIL
tCWL tWCS tWCH tWP
tCWL tWCS tWCH tWP
tCWL tRWL tWCS tWCH tWP
WRITE
OE
V IH VIL
tDH tDS
V I/O1-I/O8 IH (Inputs) V IL Valid Data In
tDH tDS
Valid Data In
tDH tDS
Valid Data In
I/O1-I/O8 OH (Outputs) V
OL
V
HI-Z
"H" or "L"
Fast Page Mode Early Write Cycle
Semiconductor Group
139
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRAS
RAS
V IH VIL
tRP
tCRP tRPC
V IH
CAS
VIL
tRAH tASR tASR
Row Address
Address
V IH VIL
Row Address
I/O1-I/O8 OH (Outputs) V
OL
V
HI-Z
"H" or "L"
RAS-Only Refresh Cycle
Semiconductor Group
140
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRP
RAS
V IH VIL
tRAS
tRP
tRPC tCSR
CAS
V IH VIL
tCRP tCHR tWRP tWRH tRPC
tCP
WRITE
V IH VIL
tOEZ
OE
V IH VIL
tCDD
I/O1-I/O8 IH (Inputs) V IL
V
tODD
I/O1-I/O8 OH (Outputs)VOL
V HI-Z
tOFF
"H" or "L"
CAS-Before-RAS Refresh Cycle
Semiconductor Group
141
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC
V IH VIL
tRC tRP tRAS tRP
tRAS
RAS
tRCD
V IH VIL
tRSH tCHR tCRP
CAS
tRAD tRAH tASR tASC tCAH
Column Address
tWRP tWRH tASR
Row Address
Address
V IH VIL
Row Addr
tRCS
V IH VIL
tRRH
WRITE
tAA tOEA
OE
V IH VIL
tDZC tDZO
tCDD tODD
V I/O1-I/O8 IH (Inputs) V IL
tCAC tCLZ tRAC tOEZ
Valid Data Out
tOFF
I/O1-I/O8 OH (Outputs) V
OL
V
HI-Z
"H" or "L"
Hidden Refresh Cycle (Read)
Semiconductor Group
142
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRC tRP
RAS
V IH VIL
tRC tRP tRAS
tRAS
tRCD
V IH VIL
tRSH
tCHR
tCRP
CAS
tRAD tRAH tASR tASC tCAH
Column Address
tASR
Row Address
Address
V IH VIL
Row Addr
tWCS
tWCH tWP
WRITE
V IH VIL
OE
V IH VIL
tDS
IH I/O1-I/O8 (Inputs) V IL V
tDH
Valid Data
I/O1-I/O8 OH (Outputs) V
OL
V
HI-Z
"H" or "L"
Hidden Refresh Cycle (Early Write)
Semiconductor Group
143
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
V
tRAS
IH
tRP tRSH tCAS tRAL tASR
Row Address
RAS
V
IL
tCSR
V
tCHR
tCPT
CAS
IH
V
IL
V
tASC
IH
tCAH tAA
Address
V
IL
Column Address
Read Cycle
WRITE
V V IH
tWRP tWRH
IL
tRCS
tCAC
tRRH tRCH
tOEA
V
OE
V
IH
IL
I/O1-I/O8 (Inputs)
V V
tDZC tDZO
tCDD tODD tOFF tCLZ tOEZ
Valid Data Out
IH
IL
I/O1-I/O8 (Outputs)
V OH V OL
Write Cycle
V IH
tWRP tWRH
tWCS tWCH
tRWL tCWL
WRITE
V V
IL IH
OE
V
IL
tDS
I/O1-I/O8 (Inputs) I/O1-I/O8 (Outputs)
V V IH IL IH IL IH HI-Z
tDH
Valit Data In
V V
Read-Modify-Write Cycle
V
tWRP
tWRH
tRCS tCAC tAA
tAWD tCWD
tCWL tRWL tWP tOEH tDS tDH
Data In
WRITE
V
IL
tOEA
V
OE
IH
V
IL
I/O1-I/O8 (Inputs)
V V
tDZC tDZO
IH
IL
I/O1-I/O8 (Outputs)
V OH V OL HI-Z
tCLZ
tCAC
D.Out
tODD tOEZ
HI-Z
CAS-Before-RAS Refresh Counter Test Cycle
Semiconductor Group
144
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRP
RAS
V IH VIL
tRC tRAS tRP
tRPC tCP tCSR tCHR tRPC tCRP
CAS
V IH VIL
tRAH tASR
V Adress IH VIL Row Address
WRITE
V IH VIL
tWTS
tWTH
OE
V IH VIL
tODD
V I/O1-I/O8 IH
(Inputs) V IL
tCDD tOEZ
HI-Z
I/O1-I/O8 OH (Outputs) V
OL
V
tOFF
"H" or "L"
Test Mode Entry
Semiconductor Group
145
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
tRP
RAS
V IH VIL
tRASS
tRPS
tRPC tCSR
CAS
V IH VIL
tCHS
tCRP
tCP tWRP tWRH
WRITE
V IH VIL
tOEZ
OE
V IH VIL
tCDD
I/O1-I/O8 (Inputs)
V IH VIL
tODD
OH I/O1-I/O8 (Outputs) V OL V HI-Z
tOFF
"H" or "L"
CAS-before-RAS Self Refresh
Semiconductor Group
146
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
Package Outlines
P-SOJ-34-1 (500 mil) (Plastic Small Outline J-leaded Package)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 147
Dimensions in mm
HYB 3164(5)800J/T-50/-60 8M x 8-DRAM
P-TSOPII-34-1 (500 mil) (Plastic Thin Small Outline Package Type
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 148
Dimensions in mm


▲Up To Search▲   

 
Price & Availability of HYB3164800T-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X